Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB11827 Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LB11827
Szczegółowy opis  Three-Phase Brushless Motor Driver for OA Products
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11827 Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LB11827 Datasheet HTML 3Page - Sanyo Semicon Device LB11827 Datasheet HTML 4Page - Sanyo Semicon Device LB11827 Datasheet HTML 5Page - Sanyo Semicon Device LB11827 Datasheet HTML 6Page - Sanyo Semicon Device LB11827 Datasheet HTML 7Page - Sanyo Semicon Device LB11827 Datasheet HTML 8Page - Sanyo Semicon Device LB11827 Datasheet HTML 9Page - Sanyo Semicon Device LB11827 Datasheet HTML 10Page - Sanyo Semicon Device LB11827 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
No. 7110-8/11
LB11827
Continued from preceding page.
Pin No.
Pin
Function
Equivalent circuit
Speed discriminator output.
Accelerate: high, decelerate: low
14
DOUT
14
300
VREG
16
VREG
15
VREG
Speed lock detection output.
L when the motor speed is within the speed lock range (±6.25%).
Voltage resistance 30 Vmax
15
LD
300
FG Reset
300
17
18
VREG
2 k
19
VREG
FG amplifier input pin.
Connection of a capacitor (about 0.1 µF) between FGIN and
GND causes initial reset to the logic circuit.
Start/stop control pin.
Low: 0 V to 1.5 V
High: 3.5 V to VREG
H level when open.
Hysteresis width about 0.5 V
17
FGIN
18
FGIN+
19
S/S
FG amplifier output pin
16
FG
OUT
Continued on next page.
FG schmitt comparator


Podobny numer części - LB11827

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB11820 SANYO-LB11820 Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
   Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
   Direct PWM Drive Brushless Motor Predriver for OA Products
LB11824 SANYO-LB11824 Datasheet
178Kb / 17P
   Direct PWM Drive Brushless Motor Predriver for On-Demand Water Heater and Air Conditioner Motors
More results

Podobny opis - LB11827

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
   Three-Phase Brushless Motor Driver for OA Products
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
LB11826 SANYO-LB11826_08 Datasheet
135Kb / 11P
   For OA Products Three-Phase Brushless Motor Driver
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com