Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7732BRU Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD7732BRU
Szczegółowy opis  2-Channel 10 V Input Range, High Throughput
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7732BRU Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD7732BRU Datasheet HTML 2Page - Analog Devices AD7732BRU Datasheet HTML 3Page - Analog Devices AD7732BRU Datasheet HTML 4Page - Analog Devices AD7732BRU Datasheet HTML 5Page - Analog Devices AD7732BRU Datasheet HTML 6Page - Analog Devices AD7732BRU Datasheet HTML 7Page - Analog Devices AD7732BRU Datasheet HTML 8Page - Analog Devices AD7732BRU Datasheet HTML 9Page - Analog Devices AD7732BRU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
AD7732
Rev. A | Page 5 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Power Dissipation (Normal Mode) 14
85
100
mW
AVDD+DVDD Current (Standby Mode)15
140
μA
Power Dissipation (Standby Mode)15
750
μW
1 Specifications are not production tested but guaranteed by design and/or characterization data at initial product release.
2 See Typical Performance Characteristics.
3 VCM = Common-Mode Voltage = 0 V.
4 Specifications before calibration. Channel system calibration reduces these errors to the order of the noise.
5 Applies after the zero-scale and full-scale calibration. The negative full-scale error represents the remaining error after removing the offset and gain error.
6 ADC zero-scale self-calibration reduces this error to ±10 mV. Channel zero-scale system calibration reduces this error to the order of the noise.
7 For specified performance. The output data span corresponds to the specified nominal input voltage range. The ADC is functional outside the nominal input voltage
range, but the performance might degrade. Outside the nominal input voltage range, the OVR bit in the channel status register is set and the channel data register
value depends on the CLAMP bit in the mode register. See the register and circuit descriptions for more details.
8 The AIN absolute voltage of ±16.5 V applies for a nominal VBIAS voltage of +2.5 V. By configuring the BIAS and RA to RD pins differently, the part will work with higher
AIN absolute voltages as long as the internal voltage seen by the multiplexer and the input buffer is within 200 mV to AVDD – 300 mV. Absolute voltage for the AIN,
BIAS, and RA to RD pins must never exceed the values specified in the Absolute Maximum Ratings.
9 Pin impedance is from the pin to the internal node. In normal circuit configuration, the analog input total impedance is typically 108.5 kΩ + 15.5 kΩ = 124 kΩ.
10 For specified performance. Part is functional with lower VREF.
11 Dynamic current charging the sigma-delta modulator input switching capacitor.
12 Outside the specified calibration range, calibration is possible but the performance may degrade.
13 These logic output levels apply to the MCLK OUT output when it is loaded with a single CMOS load.
14 With external MCLK, MCLKOUT is disabled (the CLKDIS bit is set in the mode register).
15 External MCLKIN = 0 V or DVDD, Digital Inputs = 0 V or DVDD, and P0 and P1 = 0 V or AVDD.


Podobny numer części - AD7732BRU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7732BRU AD-AD7732BRU Datasheet
1Mb / 32P
   2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
REV. 0
AD7732BRU AD-AD7732BRU Datasheet
417Kb / 32P
   2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7732BRUZ AD-AD7732BRUZ Datasheet
417Kb / 32P
   2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7732BRUZ-REEL AD-AD7732BRUZ-REEL Datasheet
417Kb / 32P
   2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7732BRUZ-REEL7 AD-AD7732BRUZ-REEL7 Datasheet
417Kb / 32P
   2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
More results

Podobny opis - AD7732BRU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7732 AD-AD7732_15 Datasheet
417Kb / 32P
   2-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7732 AD-AD7732 Datasheet
1Mb / 32P
   2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
REV. 0
AD7734BRUZ AD-AD7734BRUZ Datasheet
738Kb / 32P
   4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734 AD-AD7734_15 Datasheet
738Kb / 32P
   4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734 AD-AD7734 Datasheet
1Mb / 32P
   4-Channel, -10 V Input Range, High Throughput, 24-Bit sigma ADC
REV. 0
AD7732BRUZ AD-AD7732BRUZ Datasheet
417Kb / 32P
   2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7734 AD-AD7734_17 Datasheet
700Kb / 33P
   4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
AD7738 AD-AD7738 Datasheet
407Kb / 28P
   8-Channel, High Throughput,
REV. 0
logo
WAGO Kontakttechnik Gmb...
750-477 WAGO-750-477 Datasheet
442Kb / 11P
   2-channel analog input; 0 ??10 V AC/DC; Differential input
logo
Maxim Integrated Produc...
DS31256 MAXIM-DS31256 Datasheet
1Mb / 183P
   256-Channel, High-Throughput HDLC Controller
REV: 031405
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com