Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7738 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7738
Szczegółowy opis  8-Channel, High Throughput, 24-Bit ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7738 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7738_17 Datasheet HTML 5Page - Analog Devices AD7738_17 Datasheet HTML 6Page - Analog Devices AD7738_17 Datasheet HTML 7Page - Analog Devices AD7738_17 Datasheet HTML 8Page - Analog Devices AD7738_17 Datasheet HTML 9Page - Analog Devices AD7738_17 Datasheet HTML 10Page - Analog Devices AD7738_17 Datasheet HTML 11Page - Analog Devices AD7738_17 Datasheet HTML 12Page - Analog Devices AD7738_17 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
REV. 0
–8–
AD7738
PIN FUNCTION DESCRIPTION (continued)
Pin No.
Mnemonic
Pin Description
15
ADCIN(–)
ADC Negative Input. In normal circuit configuration, this pin should be connected to the MUXOUT– pin.
16
ADCIN(+)
ADC Positive Input. In normal circuit configuration, this pin should be connected to the MUXOUT+ pin.
21
REFIN(+)
Positive Terminal of the Differential Reference Input. REFIN+ voltage potential can lie any where between
AVDD and AGND. In normal circuit configuration, this pin should be connected to a 2.5 V reference voltage.
22
REFIN(–)
Negative Terminal of the Differential Reference Input. REFIN– voltage potential can lie any where between
AVDD and AGND. In normal circuit configuration, this pin should be connected to a 0 V reference voltage.
23
AGND
Ground Reference Point for Analog Circuitry
24
RDY
Logic Output. Used as a status output in both conversion mode and calibration mode. In conversion
mode, a falling edge on this output indicates that either any channel or all channels have unread data
available—according to the RDY function bit in the I/O Port register. In calibration mode, a falling edge
on this output indicates that calibration is complete. See more details in Digital Interface Description
section later in this data sheet.
25
DOUT
Serial Data Output with serial data being read from the output shift register on the part. This output
shift register can contain information from any AD7738 register depending on the address bits of the
Communications register.
26
DIN
Serial Data Input (Schmitt triggered) with serial data being written to the input shift register on the part.
Data from this input shift register is transferred to any AD7738 register depending on the address bits of
the Communications register.
27
DVDD
Digital Supply Voltage, 3 V or 5 V Nominal
28
DGND
Ground Reference Point for Digital Circuitry


Podobny numer części - AD7738_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7738 AD-AD7738_15 Datasheet
412Kb / 28P
   8-Channel, High Throughput, 24-Bit ADC
REV. 0
More results

Podobny opis - AD7738_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7738BRUZ-REEL7 AD-AD7738BRUZ-REEL7 Datasheet
342Kb / 28P
   8-Channel, High Throughput 24-Bit ADC
REV. 0
AD7738 AD-AD7738_15 Datasheet
412Kb / 28P
   8-Channel, High Throughput, 24-Bit ADC
REV. 0
AD7738BRUZ AD-AD7738BRUZ Datasheet
412Kb / 28P
   8-Channel, High Throughput, 24-Bit - ADC
REV. 0
AD7739 AD-AD7739_15 Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7739 AD-AD7739_17 Datasheet
604Kb / 33P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
AD7739 AD-AD7739 Datasheet
380Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. 0
AD7739BRUZ AD-AD7739BRUZ Datasheet
540Kb / 32P
   8-Channel, High Throughput, 24-Bit Sigma-Delta ADC
REV. A
AD7732 AD-AD7732_15 Datasheet
417Kb / 32P
   2-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734BRUZ AD-AD7734BRUZ Datasheet
738Kb / 32P
   4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734 AD-AD7734_15 Datasheet
738Kb / 32P
   4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com