Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7732BRUZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7732BRUZ
Szczegółowy opis  2-Channel 10 V Input Range, High Throughput
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7732BRUZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7732BRUZ Datasheet HTML 6Page - Analog Devices AD7732BRUZ Datasheet HTML 7Page - Analog Devices AD7732BRUZ Datasheet HTML 8Page - Analog Devices AD7732BRUZ Datasheet HTML 9Page - Analog Devices AD7732BRUZ Datasheet HTML 10Page - Analog Devices AD7732BRUZ Datasheet HTML 11Page - Analog Devices AD7732BRUZ Datasheet HTML 12Page - Analog Devices AD7732BRUZ Datasheet HTML 13Page - Analog Devices AD7732BRUZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
AD7732
Rev. A | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
AIN DIFFERENTIAL VOLTAGE – V
0
10
20
30
40
50
60
–20
–15
–10
–50
510
15
20
MCLK = 6.144MHz
VCM = 0V
FILTER WORD
16
17
18
19
20
21
22
23
24
25
1
2
34
56
7
8
9
10
CHOP = 1
Figure 8. Typical INL vs. AIN Differential Voltage, AIN Common-Mode
Voltage = 0 V, MCLK = 6.144 MHz, BIAS(+) = BIAS(–) = 2.5 V
Figure 5. No Missing Codes Performance, Chopping Enabled
AIN COMMON-MODE VOLTAGE – V
0
10
20
30
40
50
60
–15
–10
–5
0
5
10
15
MCLK = 6.144MHz
FILTER WORD
16
17
18
19
20
21
22
23
24
25
1
2
34
56
7
8
9
10
CHOP = 0
Figure 9. Typical INL vs. AIN Common-Mode Voltage, ±10 V Differential
Signal, MCLK = 6.144 MHz, BIAS(+) = BIAS(–) = 2.5 V
Figure 6. No Missing Codes Performance, Chopping Disabled
MCLK FREQUENCY – MHz
0
5
10
15
0123
4567
VCM = 0V
MCLK FREQUENCY – MHz
0
5
10
15
20
0123
4567
Figure 7. Typical INL vs. MCLK Frequency, ±10 V Differential Signal, AIN
Common-Mode Voltage = 0 V, BIAS(+) = BIAS(–) = 2.5 V
Figure 10. Typical Supply Current vs. MCLK Frequency,
Normal Operation, Converting


Podobny numer części - AD7732BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7732BRUZ AD-AD7732BRUZ Datasheet
417Kb / 32P
   2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7732BRUZ-REEL AD-AD7732BRUZ-REEL Datasheet
417Kb / 32P
   2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7732BRUZ-REEL7 AD-AD7732BRUZ-REEL7 Datasheet
417Kb / 32P
   2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
More results

Podobny opis - AD7732BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7732 AD-AD7732_15 Datasheet
417Kb / 32P
   2-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7732 AD-AD7732 Datasheet
1Mb / 32P
   2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
REV. 0
AD7734BRUZ AD-AD7734BRUZ Datasheet
738Kb / 32P
   4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734 AD-AD7734_15 Datasheet
738Kb / 32P
   4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734 AD-AD7734 Datasheet
1Mb / 32P
   4-Channel, -10 V Input Range, High Throughput, 24-Bit sigma ADC
REV. 0
AD7732BRUZ AD-AD7732BRUZ Datasheet
417Kb / 32P
   2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7734 AD-AD7734_17 Datasheet
700Kb / 33P
   4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
AD7738 AD-AD7738 Datasheet
407Kb / 28P
   8-Channel, High Throughput,
REV. 0
logo
WAGO Kontakttechnik Gmb...
750-477 WAGO-750-477 Datasheet
442Kb / 11P
   2-channel analog input; 0 ??10 V AC/DC; Differential input
logo
Maxim Integrated Produc...
DS31256 MAXIM-DS31256 Datasheet
1Mb / 183P
   256-Channel, High-Throughput HDLC Controller
REV: 031405
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com