Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7732BRUZ-REEL7 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7732BRUZ-REEL7
Szczegółowy opis  2-Channel 10 V Input Range, High Throughput
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7732BRUZ-REEL7 Arkusz danych(HTML) 5 Page - Analog Devices

  AD7732BRUZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7732BRUZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7732BRUZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7732BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7732BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7732BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7732BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7732BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7732BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AD7732
Rev. A | Page 4 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RA, RB, RC, RD Pin Impedance1, 9
25
31
k
Ω
Input Resistor Matching
0.2
%
Input Resistor Temp. Coefficient
–30
ppm/°C
REFERENCE INPUTS
REFIN(+) to REFIN(–) Voltage1, 10
2.475
2.5
2.525
V
NOREF Trigger Voltage
0.5
V
NOREF Bit in Channel Status Register
REFIN(+), REFIN(–)
Common-Mode Voltage1
0
AVDD
V
Reference Input DC Current11
400
μA
SYSTEM CALIBRATION1, 12
Full-Scale Calibration Limit
+1.05
× FS
V
Zero-Scale Calibration Limit
–1.05
× FS
V
Input Span
0.8
× FS
2.1
× FS
V
LOGIC INPUTS
Input Current
±1
μA
Input Current CS
±10
μA
CS = DVDD
–40
μA
CS = DGND, Internal Pull-Up Resistor
Input Capacitance
5
pF
VT+1
1.4
2
V
DVDD = 5 V
VT–1
0.8
1.4
V
DVDD = 5 V
VT+ – VT–1
0.3
0.85
V
DVDD = 5 V
VT+1
0.95
2
V
DVDD = 3 V
VT– 1
0.4
1.1
V
DVDD = 3 V
VT+ – VT–1
0.3
0.85
V
DVDD = 3 V
MCLK IN ONLY
Input Current
±10
μA
Input Capacitance
5
pF
VINL Input Low Voltage
0.8
V
DVDD = 5 V
VINH Input High Voltage
3.5
V
DVDD = 5 V
VINL Input Low Voltage
0.4
V
DVDD = 3 V
VINH Input High Voltage
2.5
V
DVDD = 3 V
LOGIC OUTPUTS13
VOL Output Low Voltage
0.4
V
ISINK = 800 μA, DVDD = 5 V
VOH Output High Voltage
4.0
V
ISOURCE = 200 μA, DVDD = 5 V
VOL Output Low Voltage
0.4
V
ISINK = 100 μA, DVDD = 3 V
VOH Output High Voltage
DVDD – 0.6
V
ISOURCE = 100 μA, DVDD = 3 V
Floating State Leakage Current
±1
μA
Floating State Leakage Capacitance
3
pF
P0, P1 INPUTS/OUTPUTS
Levels Referenced to Analog Supplies
Input Current
±10
μA
VINL Input Low Voltage
0.8
V
AVDD = 5 V
VINH Input High Voltage
3.5
V
AVDD = 5 V
VOL Output Low Voltage
0.4
V
ISINK = 7 mA, See Abs. Max. Ratings
VOH Output High Voltage
4.0
V
ISOURCE = 200 μA, AVDD = 5 V
POWER REQUIREMENTS
AVDD–AGND Voltage
4.75
5.25
V
DVDD–DGND Voltage
4.75
5.25
V
2.70
3.60
V
AVDD Current (Normal Mode)
13.5
15.9
mA
AVDD = 5 V
DVDD Current (Normal Mode)14
2.8
3.1
mA
DVDD = 5 V
DVDD Current (Normal Mode) 14
1.0
1.5
mA
DVDD = 3 V


Podobny numer części - AD7732BRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7732BRUZ-REEL7 AD-AD7732BRUZ-REEL7 Datasheet
417Kb / 32P
   2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
More results

Podobny opis - AD7732BRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7732 AD-AD7732_15 Datasheet
417Kb / 32P
   2-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7732 AD-AD7732 Datasheet
1Mb / 32P
   2-Channel, -10 V Input Range, High Throughput, 24-Bit SIGMA- ADC
REV. 0
AD7734BRUZ AD-AD7734BRUZ Datasheet
738Kb / 32P
   4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734 AD-AD7734_15 Datasheet
738Kb / 32P
   4-Channel, 10 V Input Range, High Throughput, 24-Bit ADC
REV. A
AD7734 AD-AD7734 Datasheet
1Mb / 32P
   4-Channel, -10 V Input Range, High Throughput, 24-Bit sigma ADC
REV. 0
AD7732BRUZ AD-AD7732BRUZ Datasheet
417Kb / 32P
   2-Channel, 짹10 V Input Range, High Throughput, 24-Bit 誇-? ADC
REV. A
AD7734 AD-AD7734_17 Datasheet
700Kb / 33P
   4-Channel 10 V Input Range, High Throughput, 24-Bit Sigma-Delta ADC
AD7738 AD-AD7738 Datasheet
407Kb / 28P
   8-Channel, High Throughput,
REV. 0
logo
WAGO Kontakttechnik Gmb...
750-477 WAGO-750-477 Datasheet
442Kb / 11P
   2-channel analog input; 0 ??10 V AC/DC; Differential input
logo
Maxim Integrated Produc...
DS31256 MAXIM-DS31256 Datasheet
1Mb / 183P
   256-Channel, High-Throughput HDLC Controller
REV: 031405
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com