Zakładka z wyszukiwarką danych komponentów |
|
AD7492AR Arkusz danych(PDF) 4 Page - Analog Devices |
|
AD7492AR Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 25 page AD7492 Rev. A | Page 3 of 24 SPECIFICATIONS AD7492-5 VDD = 4.75 V to 5.25 V, TA = TMIN to TMAX, unless otherwise noted. Table 1. Parameter A Version1 B Version1 Unit Test Conditions/Comments DYNAMIC PERFORMANCE fS = 1.25 MSPS Signal-to-Noise and Distortion (SINAD) 69 69 dB typ fIN = 500 kHz sine wave 68 68 dB min fIN = 100 kHz sine wave Signal-to-Noise Ratio (SNR) 70 70 dB typ fIN = 500 kHz sine wave 68 68 dB min fIN = 100 kHz sine wave Total Harmonic Distortion (THD) −83 −83 dB typ fIN = 500 kHz sine wave −87 −87 dB typ fIN = 100 kHz sine wave −75 −75 dB max fIN = 100 kHz sine wave Peak Harmonic or Spurious-Free Dynamic Noise (SFDR) −83 −83 dB typ fIN = 500 kHz sine wave −90 −90 dB typ fIN = 100 kHz sine wave −76 −76 dB max fIN = 100 kHz sine wave Intermodulation Distortion (IMD) Second Order Terms −82 −82 dB typ fIN = 500 kHz sine wave −90 −90 dB typ fIN = 100 kHz sine wave Third Order Terms −71 −71 dB typ fIN = 500 kHz sine wave −88 −88 dB typ fIN = 100 kHz sine wave Aperture Delay 5 5 ns typ Aperture Jitter 15 15 ps typ Full Power Bandwidth 10 10 MHz typ DC ACCURACY fS = 1.25 MSPS Resolution 12 12 Bits Integral Nonlinearity ±1.5 ±1.25 LSB max Differential Nonlinearity +1.5/–0.9 +1.5/−0.9 LSB max Guaranteed no missed codes to 12 bits (A and B versions) Offset Error ±9 ±9 LSB max Gain Error ±2.5 ±2.5 LSB max ANALOG INPUT Input Voltage Ranges 0 to 2.5 0 to 2.5 V DC Leakage Current ±1 ±1 μA max Input Capacitance 33 33 pF typ REFERENCE OUTPUT REF OUT Output Voltage Range 2.5 2.5 V ±1.5% for specified performance LOGIC INPUTS Input High Voltage, VINH2 VDRIVE × 0.7 VDRIVE × 0.7 V min VDD = 5 V ± 5% Input Low Voltage, VINL2 VDRIVE × 0.3 VDRIVE × 0.3 V max VDD = 5 V ± 5% Input Current, IIN ±1 ±1 μA max Typically 10 nA, VIN = 0 V or VDD Input Capacitance, CIN3 10 10 pF max LOGIC OUTPUTS Output High Voltage, VOH VDRIVE − 0.2 VDRIVE − 0.2 V min ISOURCE = 200 μA Output Low Voltage, VOL 0.4 0.4 V max ISINK = 200 μA Floating-State Leakage Current ±10 ±10 μA max Floating-State Output Capacitance 10 10 pF max Output Coding Straight (natural) binary Straight (natural) binary |
Podobny numer części - AD7492AR |
|
Podobny opis - AD7492AR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |