Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7783 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7783
Szczegółowy opis  Read-Only, Pin Configured 24-Bit ADC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7783 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7783 Datasheet HTML 5Page - Analog Devices AD7783 Datasheet HTML 6Page - Analog Devices AD7783 Datasheet HTML 7Page - Analog Devices AD7783 Datasheet HTML 8Page - Analog Devices AD7783 Datasheet HTML 9Page - Analog Devices AD7783 Datasheet HTML 10Page - Analog Devices AD7783 Datasheet HTML 11Page - Analog Devices AD7783 Datasheet HTML 12Page - Analog Devices AD7783 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AD7783
Rev. C | Page 10 of 12
OUTLINE DIMENSIONS
16
9
8
1
PIN 1
SEATING
PLANE
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 1. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD7783BRU
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7783BRU-REEL
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7783BRU-REEL7
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7783BRUZ
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
AD7783BRUZ-REEL7
−40°C to +85°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
EVAL-AD7783EBZ
−40°C to +85°C
Evaluation Board
1 Z = RoHS Compliant Part.
REVISION HISTORY
10/11—Rev. B to Rev. C
Changes to Figure 2...........................................................................5
Changes to Ordering Guide...........................................................10
8/04—Data Sheet Changed from Rev. A to Rev. B.
Change to Features............................................................................1
Changes to Ordering Guide.............................................................5
4/03—Data Sheet Changed from Rev. 0 to Rev. A.
Change to Specifications .................................................................
.2
Updated Outline Dimensions........................................................10


Podobny numer części - AD7783

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7783 AD-AD7783 Datasheet
217Kb / 12P
   Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
REV. B
AD7783BRU AD-AD7783BRU Datasheet
217Kb / 12P
   Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
REV. B
AD7783BRU-REEL AD-AD7783BRU-REEL Datasheet
217Kb / 12P
   Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
REV. B
AD7783BRU-REEL7 AD-AD7783BRU-REEL7 Datasheet
217Kb / 12P
   Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
REV. B
More results

Podobny opis - AD7783

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7782 AD-AD7782_17 Datasheet
638Kb / 13P
   Read Only, Pin Configured 24-Bit ADC
AD7782 AD-AD7782 Datasheet
126Kb / 12P
   Read Only, Pin Configured 24-Bit ADC
REV. 0
AD7783 AD-AD7783 Datasheet
217Kb / 12P
   Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
REV. B
logo
Texas Instruments
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240 TI-TMS27C240 Datasheet
190Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512-150JL TI1-TMS27C512-150JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com