Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7866ARU Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7866ARU
Szczegółowy opis  Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7866ARU Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7866ARU Datasheet HTML 6Page - Analog Devices AD7866ARU Datasheet HTML 7Page - Analog Devices AD7866ARU Datasheet HTML 8Page - Analog Devices AD7866ARU Datasheet HTML 9Page - Analog Devices AD7866ARU Datasheet HTML 10Page - Analog Devices AD7866ARU Datasheet HTML 11Page - Analog Devices AD7866ARU Datasheet HTML 12Page - Analog Devices AD7866ARU Datasheet HTML 13Page - Analog Devices AD7866ARU Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
REV. A
AD7866
–9–
Typical Performance Characteristics
FREQUENCY – kHz
0
–35
–115
0
500
100
200
300
400
–55
–75
–95
50
150
250
350
450
4098 POINT FFT
f
SAMPLE = 1MSPS
fIN = 300kHz
SNR = 70.31dB
THD = –85.47dB
SFDR = –86.64dB
–15
TPC 1. Dynamic Performance
INPUT FREQUENCY – Hz
–61
–75
10k
1M
100k
–73
–63
–67
–69
–71
–65
TA = 25 C
VDD = VDRIVE = 2.7V
VDD = VDRIVE = 3.6V
VDD = VDRIVE = 5.25V
VDD = VDRIVE = 4.75V
TPC 2. SINAD vs. Input Frequency
AVDD RIPPLE FREQUENCY – Hz
0
–100
1k
10k
–90
–80
–70
–60
–50
–40
–30
–20
–10
100k
1M
100mV p-p SINE WAVE ON AVDD
2.5V EXT REFERENCE ON VREF
TA = 25 C
VDD = 2.7V
VDD = 5.25V
VDD = 4.75V
VDD = 3.6V
TPC 3a. PSRR vs. Supply Ripple Frequency,
without Supply Decoupling
AVDD RIPPLE FREQUENCY – Hz
0
–100
1k
10k
–90
–80
–70
–60
–50
–40
–30
–20
–10
100k
1M
100mV p-p SINE WAVE ON AVDD
2.5V EXT REFERENCE ON DCAPA, DCAPB
TA = 25 C
VDD = 2.7V
VDD = 5.25V
VDD = 4.75V
VDD = 3.6V
TPC 3b. PSRR vs. Supply Ripple Frequency,
without Supply Decoupling
PERFORMANCE CURVES
TPC 1 shows a typical FFT plot for the AD7866 at 1 MHz
sample rate and 300 kHz input frequency. TPC 2 shows the
signal-to-(noise + distortion) ratio performance versus input
frequency for various supply voltages while sampling at 1 MSPS
with an SCLK of 20 MHz.
TPCs 3a to 4b show the power supply rejection ratio versus
AVDD supply ripple frequency for the AD7866 under different
conditions. The power supply rejection ratio (PSRR) is defined
as the ratio of the power in the ADC output at full-scale fre-
quency f, to the power of a 100 mV sine wave applied to the
ADC AVDD supply of frequency fS:
PSRR dB
Pf Pf
S
() =
()
10 log
Pf = power at frequency f in ADC output, and PfS = power at
frequency fS coupled onto the ADC AVDD supply. Here, a 100 mV
peak-to-peak sine wave is coupled onto the AVDD supply while the
digital supply is left unaltered. TPCs 3a and 3b show the PSRR
of the AD7866 when there is no decoupling on the supply, while
TPCs 4a and 4b show the PSRR with decoupling capacitors
of 10
µF and 0.1 µF on the supply.
TPCs 5 and 6 show typical DNL and INL plots for the AD7866.
TPC 7 shows a graph of the total harmonic distortion versus
analog input frequency for various source impedances.
TPC 8 shows a graph of total harmonic distortion versus analog
input frequency for various supply voltages. See the Analog
Input section.


Podobny numer części - AD7866ARU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7866ARU AD-AD7866ARU Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866ARU AD-AD7866ARU Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
More results

Podobny opis - AD7866ARU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7866ARUZ AD-AD7866ARUZ Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866_15 Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
AMIC Technology
AD7485 AMICC-AD7485 Datasheet
769Kb / 16P
   1 MSPS, Serial 14-Bit SAR ADC
logo
Analog Devices
AD7485 AD-AD7485_15 Datasheet
986Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
REV. A
AD7485 AD-AD7485 Datasheet
812Kb / 15P
   1 MSPS, Serial 14-Bit SAR ADC
AD4630-16 AD-AD4630-16 Datasheet
1Mb / 49P
   16-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD4630-24 AD-AD4630-24 Datasheet
2Mb / 49P
   24-Bit, 2 MSPS, Dual Channel SAR ADC
Rev. 0
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com