Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7783BRUZ-REEL7 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7783BRUZ-REEL7
Szczegółowy opis  Read-Only, Pin Configured 24-Bit ADC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7783BRUZ-REEL7 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7783BRUZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7783BRUZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7783BRUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7783BRUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7783BRUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7783BRUZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7783BRUZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7783BRUZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7783BRUZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Typical Performance Characteristics–AD7783
–7–
8
7
0
6
5
4
3
2
1
9
TPC 1. Noise Distribution Histogram
ADC CIRCUIT INFORMATION
Overview
The AD7783 incorporates a
S-D ADC channel, on-chip pro-
grammable gain amplifier, and on-chip digital filtering intended
for the measurement of wide dynamic range, low frequency
signals such as those in weigh-scale, strain gage, pressure trans-
ducer, or temperature measurement applications.
This ADC input is buffered and can be programmed to have an
input voltage range of
±160 mV or ±2.56 V. The input channel
is configured as a fully differential input. Buffering the input
channel means that the part can accommodate significant source
impedances on the analog input and that R, C filtering (for
noise rejection or RFI reduction) can be placed on the analog
input if required. The device requires an external reference of
2.5 V nominal. Figure 3 shows the basic connections required
to operate the part.
AD7783
REFIN(+)
REFIN(–)
AIN(–)
AIN(+)
IOUT2
IOUT1
XTAL1
XTAL2
VDD
DOUT/
RDY
CS
SCLK
GND
POWER
SUPPLY
10 F
0.1 F
CONTROLLER
32.768kHz
CRYSTAL
6k
10k
IN–
OUT+
OUT–
IN+
Figure 3. Basic Connection Diagram
The output rate of the AD7783 (fADC) equals
f
ADC
¥ ¥
()
32 768 10
69
8
3
3
./
while the settling time equals
t
f
t
SETTLE
ADC
ADC
= Ê
ËÁ
ˆ
¯˜
2
2
Normal-mode rejection is the major function of the digital filter
on the AD7783. Simultaneous 50 Hz and 60 Hz rejection of
better than 60 dB is achieved as notches are placed at both 50 Hz
and 60 Hz. Figure 4 shows the filter rejection.
FREQUENCY (Hz)
0
010
40
6080
100
–40
–80
–120
–140
–160
–20
–60
–100
20
30
50
70
90
OUTPUT DATA RATE = 19.8Hz
INPUT BANDWIDTH = 4.74Hz
50Hz REJECTION = –66dB, 50Hz
1Hz REJECTION = –60dB
60Hz REJECTION = –117dB, 60Hz
1Hz REJECTION = –94dB
Figure 4. Filter Profile (Filter Notches at Both
50 Hz and 60 Hz)
2.5
0
1.0
3.0
2.5
2.0
1.5
3.5
5.0
4.5
4.0
2.0
1.5
1.0
0.5
3.0
VREF (V)
160mV RANGE
2.56V RANGE
VDD = 5V
VREF = 2.5V
TA = 25 C
TPC 2. RMS Noise vs. Reference Input
REV. C


Podobny numer części - AD7783BRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7783BRU AD-AD7783BRU Datasheet
217Kb / 12P
   Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
REV. B
AD7783BRU-REEL AD-AD7783BRU-REEL Datasheet
217Kb / 12P
   Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
REV. B
AD7783BRU-REEL7 AD-AD7783BRU-REEL7 Datasheet
217Kb / 12P
   Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
REV. B
More results

Podobny opis - AD7783BRUZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7782 AD-AD7782_17 Datasheet
638Kb / 13P
   Read Only, Pin Configured 24-Bit ADC
AD7782 AD-AD7782 Datasheet
126Kb / 12P
   Read Only, Pin Configured 24-Bit ADC
REV. 0
AD7783 AD-AD7783 Datasheet
217Kb / 12P
   Read-Only, Pin Configured 24-Bit ADC with Excitation Current Sources
REV. B
logo
Texas Instruments
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256-20JL TI1-TMS27C256-20JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240 TI-TMS27C240 Datasheet
190Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512-150JL TI1-TMS27C512-150JL Datasheet
198Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C256JL TI1-TMS27C256JL Datasheet
196Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C010A-12JL TI1-TMS27C010A-12JL Datasheet
185Kb / 13P
[Old version datasheet]   8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com