Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1842A-EP Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części UC1842A-EP
Szczegółowy opis  CURRENT-MODE PWM CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC1842A-EP Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button UC1842A-EP Datasheet HTML 3Page - Texas Instruments UC1842A-EP Datasheet HTML 4Page - Texas Instruments UC1842A-EP Datasheet HTML 5Page - Texas Instruments UC1842A-EP Datasheet HTML 6Page - Texas Instruments UC1842A-EP Datasheet HTML 7Page - Texas Instruments UC1842A-EP Datasheet HTML 8Page - Texas Instruments UC1842A-EP Datasheet HTML 9Page - Texas Instruments UC1842A-EP Datasheet HTML 10Page - Texas Instruments UC1842A-EP Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
UC1842A-EP, UC1843A-EP, UC1844A-EP, UC1845A-EP
CURRENT-MODE PWM CONTROLLER
SGLS134B – SEPTEMBER 2002 – REVISED APRIL 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
High peak currents associated with capacitive loads necessitate careful grounding techniques. Timing and bypass capacitors should be
connected close to pin 5 in a single point ground. The transistor and 5k potentiometer are used to sample the oscillator waveform and apply an
adjustable ramp to pin 3.
Figure 7. Open-Loop Laboratory Text Fixture
A fraction of the oscillator ramp can be resistively summed
with the current sense signal to provide slope compensation
for converters requiring duty cycles over 50%.
Note that capacitor, C, forms a filter with R2 to suppress the
leading edge switch spikes.
Figure 8. Slope Complression


Podobny numer części - UC1842A-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1842A-EP TI1-UC1842A-EP Datasheet
998Kb / 31P
[Old version datasheet]   QML Class V, Current-Mode PWM Controller
More results

Podobny opis - UC1842A-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com