Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAZ2700-RF-JOMEFL-PF Arkusz danych(PDF) 1 Page - Advanced Crystal Technology

Numer części CAZ2700-RF-JOMEFL-PF
Szczegółowy opis  1.6 x 1.2mm Crystal unit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACT [Advanced Crystal Technology]
Strona internetowa  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

CAZ2700-RF-JOMEFL-PF Arkusz danych(HTML) 1 Page - Advanced Crystal Technology

  CAZ2700-RF-JOMEFL-PF Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1612H SMX‐4 (RF Clock Series)
RoHS & REACH compliant
Smallest crystal
Highly reliable seam seal 4 pad ceramic package
Low aging crystal, specifically designed for RF application
                                   Parameters                                                                                          Specification                                                                        Remarks
 Frequency range
F_nom
 24.0MHz ~ 54.0MHz
 Frequency tolerance
F_tol
 ±10.0ppm 
 Frequency stability over temperature range
F_stb
 ±10.0ppm   Over ‐30°C  ~ +85°C
 Frequency aging
F_age
  ±1.0ppm   At 25°C, 1  Year
 Operable temperature range 
T_opr
 ‐40°C ~ +85°C
  
 Storage temperature 
T_stg
 ‐55°C ~ +125°C
 Load capacitance
CL
  8.0pF ~ 16.0pF
 Equivalent series resistance
24.0 ~ 29.999MHz
ESR
 100Ω max
30.0 ~ 39.999MHz
 80Ω max
40.0 ~ 54.000MHz
 60Ω max
 Shunt capacitance
C0
  3.0pF max
 Drive level
DL
  100μW max
  50μW typical
 Moisture sensitivity level
MSL
  1 (unlimited)
 Electrostatic discharge
ESD
  Not applicable
 Insulation resistance
IR
  500MΩ min
  At 100V DC
ACT (A wholly owned Acal BFi Company)
+44 (0) 118 978 8878|sales@act.co.uk|www.act.co.uk
ISO9001 Registered 
Specifications subject to change without notification
1.6 x 1.2mm Crystal unit
Reflow profile
Part number generation
CAZ
2700
‐RF‐
KO
M
E
F
1
L
‐PF
ACT
Series
Code
Frequency
(MHz)
RF 
series
Load 
capacitance  
(CL ‐pF)
Operable 
Temperature 
Range (°C)  
 Frequency 
Tolerance 
(±ppm)
Frequency 
stability over 
temperature   
‐30°C~+85°C
1  year 
Aging 
(±ppm) at 
25°C
Packaging      
(Tape & Reel)
RoHS
CAZ
27MHz = 2700
Note: Use the first 4 characters 
of the frequency in Hz i.e.   
27MHz =27000000Hz             
Part code =2700  
If the frequency is 100MHz or 
higher than the first 5 characters 
are used
‐RF‐
8 = GO
9 = JO
10 = KO
11 = MO
12 = OO
16 = RO
  ‐40 ~ +85 = M±10 = E±10 = F±1 = 1Loose  = L   
3000pcs = D  
RoHS = ‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : CAZ2700‐RF‐KOMEF1L‐PF [27.000MHz] , CAZ2457‐RF‐KOMEF1L‐PF [24.576MHz]
1.6±0.1
0.55
0.50
0.65
0.40
1
2
3
4
1
2
3
4
 Dimensions (mm)
Drawing control: (Internal use only),Commodity code: 854160 00 00,Issue number: 1,Date: 1/02/2017,Internal reference: H2
Temp.( °C)
Time (sec.)
180 ± 10°C
90~120 sec. max
0.45 in
260 ± 5°C
10 sec. max
300
250
200
150
100
50
0
220 ± 10°C
30~40 sec. max


Podobny numer części - CAZ2700-RF-JOMEFL-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Crystal Techno...
CAZ2700EFGGOFD-PF ACT-CAZ2700EFGGOFD-PF Datasheet
230Kb / 2P
   1.6 x 1.2mm Crystal unit
1/02/2017
CAZ2700EFGGOFL-PF ACT-CAZ2700EFGGOFL-PF Datasheet
230Kb / 2P
   1.6 x 1.2mm Crystal unit
1/02/2017
CAZ2700EFGJOFD-PF ACT-CAZ2700EFGJOFD-PF Datasheet
230Kb / 2P
   1.6 x 1.2mm Crystal unit
1/02/2017
CAZ2700EFGJOFL-PF ACT-CAZ2700EFGJOFL-PF Datasheet
230Kb / 2P
   1.6 x 1.2mm Crystal unit
1/02/2017
CAZ2700EFGKOFD-PF ACT-CAZ2700EFGKOFD-PF Datasheet
230Kb / 2P
   1.6 x 1.2mm Crystal unit
1/02/2017
More results

Podobny opis - CAZ2700-RF-JOMEFL-PF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Crystal Techno...
1016-SMX-4 ACT-1016-SMX-4 Datasheet
230Kb / 2P
   1.6 x 1.2mm Crystal unit
1/02/2017
logo
Fox Electronics
C0BS FOX-C0BS Datasheet
287Kb / 3P
   1.6 x 1.2mm Ceramic SMD Crystal
logo
Advanced Crystal Techno...
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
   2.0 x 1.2mm Watch crystal
1/02/2017
logo
Transko Electronics, In...
CS53B TRANSKO-CS53B Datasheet
255Kb / 1P
   MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
Rev 6: 02-07-2022
logo
TAITIEN ELECTRONICS CO....
AT-0023-XZ TAITIEN-AT-0023-XZ Datasheet
255Kb / 1P
   2.0 x 1.6 mm SMD Crystal
logo
IQD Frequency Products ...
IQXO-98X IQD-IQXO-98X Datasheet
306Kb / 7P
   1.6 x 1.2mm crystal oscillator in a ceramic package with a seam sealed metal lid, hermetically sealed
logo
Advanced Crystal Techno...
752-SMX-2 ACT-752-SMX-2 Datasheet
232Kb / 2P
   7.0 x 5.0mm Crystal unit
1/02/2017
753-SMX-4 ACT-753-SMX-4 Datasheet
236Kb / 2P
   7.0 x 5.0mm Crystal unit
1/02/2017
2016-SMX-4 ACT-2016-SMX-4 Datasheet
198Kb / 2P
   2.0 x 1.6mm crystal unit
01/2/2017
2520H-SMX-4 ACT-2520H-SMX-4 Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com