Zakładka z wyszukiwarką danych komponentów |
|
SLX-2043 Arkusz danych(PDF) 4 Page - Stanford Microdevices |
|
SLX-2043 Arkusz danych(HTML) 4 Page - Stanford Microdevices |
4 / 5 page The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved. 522 Almanor Ave., Sunnyvale, CA 94086 Phone: (800) SMI-MMIC http://www.stanfordmicro.com 4 03/28/01 rev 8.0 Advanced Data Sheet 6/; 0+] /1$ 0RGXOH Part Number Ordering Information Part Number Reel Size Devices/Reel SLX-2043 TBD TBD Caution: ESD Sensitive Appropriate precaution in handling, packaging and testing devices must be observed. Part Symbolization The part will be symbolized with a “TBD” marking designator on the top surface of the package. Package Dimensions (“43” package) Test PCB Pad Layout All dimensions in mm RF Output RF Input 6/; Denotes Pin 1 10 Pin # Function 1RF In 2 RF out/V Pkg Outline All plated thru holes: 0.020" dia 0.40" |
Podobny numer części - SLX-2043 |
|
Podobny opis - SLX-2043 |